|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
100/1000BASE-T TRANSFORMER MODULES Networking Components LF 92 07 A ELECTRICAL CHARACTERISTICS @25 C Rise Time & Fall Time @5.0ns (Max), Hi-Pot Test @60Sec, 1500Vrms, OCL @8mA DC Bias 350uH (Min) Model Insertion Loss (dB Max) MHz o Return Loss (dB Min) MHz Cross Talk (dB Min) 30-60 60-100 MHz Com. To Com. Rejection Ratio (dB Min) 1-100 MHz Diff. To Com. Mode Rejection (dB Min) 1-60 MHz 60-100 Turns Ratio TX/RX ( 5%) 1 MHz 1-60 60-100 100-125 1-30 30-40 40-50 50-100 1-30 LF9207A -0.5 -1.0 -1.2 -16 -13.5 -11.5 -10 -40 -38 -33 -30 -40 -30 1:1 / 1:1 MECHANICAL CONSTRUCTION A 24 13 SCHEMATICS LF9207A 2 1 3 5 4 6 8 7 9 11 10 12 23 24 22 20 21 19 17 18 16 14 15 13 LF92*** 1 12 DATA CODE 11.18 D C H B J E F G I 0.99 0.64 UNIT : mm / inch A = 13.77 0.254 / 0.542 0.010 B = 15.24 0.254 / 0.600 0.010 C = 5.72 0.254 / 0.225 0.010 D = 18.80 0.254 / 0.630 0.010 E = 0.99 / 0.039 (TYP) F = 0.41 0.127 / 0.016 0.005 G = 0.254 0.127 / 0.010 0.005 H = 0.254 / 0.010 (TYP) I = 1.14 / 0.045 (REF) J= 0o~8o 19.56 DELTA ELECTRONICS, INC. (TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEI SAN INDUSTRIAL ZONE, TAOYUAN SHIEN, TAIWAN, R.O.C. 15.50 TEL: 886-3-3591968; FAX: 886-3-3591991 Http://www.deltaww.com/products/networking A-28 |
Price & Availability of LF9207A |